PART |
Description |
Maker |
AA-0221-20B |
Operating voltage = 115/250 Vac Operating current = 20 Amp
|
JMK Inc.
|
FF-1069A-3B |
Operating voltage = 125 / 250 Vac Operating current = 3 Amps
|
JMK Inc.
|
KK-0902-20-30 |
Operating Voltage = 250/480 Vac 3 PH Wye Operating Current Max= 20 & 30 amps
|
JMK Inc.
|
EA-1013-12A |
Operating Voltage= 115/250 Vac OperatingCurrentMax= 12 amp
|
JMK Inc.
|
FF-1182-20 FF-1182-30 |
Operating Voltage= 115/250 Vac OperatingCurrentMax= 20, 30amp
|
JMK Inc.
|
FA-1307-5 |
Operating Voltage= 115/240 Vac Operating Current Max= 5.0 amp
|
JMK Inc.
|
MM-0787-60B |
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
|
JMK Inc.
|
HH-1199-6C |
Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
|
JMK Inc.
|
EF7203 EF-0720-3 |
Operating Voltage = 115/250 V Operating Current = 3 Amps
|
JMK Inc.
|
HH-1055-6.3 HH-1055-6.3B |
Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp
|
JMK Inc.
|
HS2264 HS2155 HS2153 HS2265 HS2160 HS2154 HS2261 H |
Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 30; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-45 Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Contact Mating Area Plating: Gold; Operating Temperature Range (degrees C Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-45 Peripheral IC 外围芯片
|
Thomas
|